PART |
Description |
Maker |
AD85520001RR |
Worlds Most Accurate Dual-Channel Amplifier at 3 V-5 V
|
Analog Devices
|
AM25LS2569DC AM25LS2569DCB AM25LS2568DC AM25LS2568 |
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Synchronous Up/Down Counter 同步减计数器 Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 同步减计数器
|
Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc. Unisonic Technologies Co., Ltd.
|
SX1508EVK SX1508IULTRT SX1509IULTRT |
Worlds Lowest Voltage Level
|
Semtech Corporation
|
LT1469CN8-PBF LT1469AIDF-PBF LT1469IDF-PBF LT1469A |
Dual 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er Dual 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
AD7940 |
Worlds Smallest 14-Bit SAR in a SOT-23 Package
|
Analog Devices
|
MAX1955ETI |
1.6V to 5.5V Input, 0.5% Accurate, Dual 180掳 Out-of-Phase Step-Down Controllers
|
Maxim Integrated Products
|
MUX28BTC883 |
36V; 25mA; 16-channel/dual 8-chan JFET analog multiplexer. For geometry correction in high-resolution CRT displays
|
Analog Devices
|
ITE08C06 ITE08F06 |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 8A I(C) | TO-247AA TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 8A I(C) | TO-220AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 8A条一(c)| TO - 220AB现有
|
Continental Device India, Ltd.
|
LTC3861-15 |
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
|
Linear Technology
|
LTC4442-1 LTC3880 LTC3860 LTC3861 LTC3861-1 LTC386 |
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
|
Linear Technology
|
1DI400MN-120 |
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
|
B&K Precision, Corp.
|